Part Number Hot Search : 
362140X AT4558 IP568X P1601 SMAJ18 G19264 AS450 DTV1500M
Product Description
Full Text Search
 

To Download B88069X0220T502 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switching Spark Gap
SSG03X-1G Ordering code: B88069X0220T502
Nominal breakdown voltage VN Initial values 2) Static breakdown voltage VS 1) First ignition value VS, FTE after 24 hours in darkness Following ignition values VS, FIV Electrical life time 3) Breakdown voltage VB First ignition value VB, FTE after 24 hours in darkness Following ignition values VB, FIV Switching operations at -40 ... +125 C Test circuit parameters Open circuit voltage V0 Loading resistance R Discharge capacitance C Inductance L Discharge peak current IP General technical data Insulation resistance at 100 V Early ignition values 200 ... 280 V Breakdown time Maximum switching frequency Weight Marking, red
350
V
470 298 ... 402
V V
500 280 ... 420 400 000 500 20 330 0.4 ~ 300 > 100 4 50 100 ~2 350 YY O
350 YY O
V V Ignitions V k nF H A M % ns Hz g
- Nominal voltage - Year of production - Non radioactive
1) 2) 3)
At delivery AQL 0,65 level II, DIN ISO 2859 Page 2, Fig. 1 and 2 Page 2, Fig. 3 and 4
AB E / AB PM Page 1 of 2
Issue 03, 30.04.2002
Switching Spark Gap
SSG03X-1G Ordering code: B88069X0220T502
Fig. 1: QC- test circuit (100% outgoing inspection)
I = const 51k
Fig. 2: Explanation of measurands
VS, FTE VS, FIV VS
0,22F
DUT
VS
VN
t ICU
DUT device under test ICU ignition control unit (sensitivity 10 .. 30 A) Discharge current 10 - 20 mA Fig. 3: QC- test circuit (sampling inspection at 25 C)
R L VB VN VO C DUT VB
- VN
dVS/dt ~ dVN/dt
Fig. 4: Explanation of measurands
VB, FTE Range of VB, FIV Early ignition VB, FTE
t tI 1s 10 s
Not to scale Dimensions in mm Non controlled document
(c) EPCOS AG 2002. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. AB E / AB PM Page 2 of 2 Issue 03, 30.04.2002


▲Up To Search▲   

 
Price & Availability of B88069X0220T502

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X